Part Number Hot Search : 
20N50 TM3013 E7000 HPL1005 NJL0302D BA7042 3F323 DN8799MS
Product Description
Full Text Search
 

To Download 192993-0083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  trident connector system tnm circular connectors t nm (trident/neptune metal) is specifically designed to meet the needs of systems that require shielding, sealing, and the extra durability of a metal shell. the combination of trident contacts, membrane seals, and the univeral shielded endbell* make tnm both cost effective and easy to assemble. applications ? communication equipment. ? industrial electronics. ? heavy duty equipment. *patent pending ? accepts trident signal, printed circuit, and coaxial contacts. ? mixed signal and 30 a power contact version. ? can be sealed to ip67. ? 360 shielding. ? easy to assemble. performance specifications temperature range C55c to 105c (C67f to 221f) operating voltage 250 v ac test voltage 2000 v ac rms insulation resistance 5000 m? min. at 500 v dc current rating (single contact) 13 a or 6 a signal contacts (crimp), 30 a power contacts sealing (sealed version) up to ip67 materials and finishes dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com 36 tnm circular product features description material finish shell high specification zinc alloy nickel insulator nylon, ul 94v-0 none coupling ring brass nickel seal rubber none for more information: www.ittcannon.com/cat006
trident connector system tnm circular connectors tnm features nickel plated zinc alloy shells and ul 94v-0 rated thermoplastic insulators. all tnm receptacles are supplied with an interface seal to provide sealing between connectors to ip67. in addition a membrane seal is available for those applications requiring the sealing of discrete wires at the rear of the connector. in order to seal multicore jacketed cables to connectors an endbell is available. this has o ring sealing to the connector and a second seal to the cable jacket. the universal endbell provides sealing, shielding and strain relief in an easy to assemble system. contact cavity arrangements universal endbell tnm connectors 37 dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com 0-04 0-08 0-12 3-04 0-19 shell size 10 shell size 12 shell size 14 shell size 14 shell size 16 4 signal 8 signal 12 signal 4 signal 19 signal 0 power 0 power 0 power 3 power 0 power ? available unsealed or sealed to ip67. ? highly reliable bayonet coupling system. ? see pages 38-39 for part numbers and additional information. ? 360 shielding. ? sealed to ip67. ? provides strain relief. ? easy to assemble. ? see page 42 for part numbers and additional information. mating face view
trident connector system tnm circular connectors standard plug standard receptaclessocket contacts part numbers with wire seal number of contacts shell size part number nomenclature a b cd e f g h 4 10 192993-0031 tnm 0s 1000-04 s1l 34,70 (1.366) 17,50 (.689) 14,92 (.563) 23,79 (.937) 18,26 (.719) 3,20 (.126) 17,30 (.681) 15,10 (.594) 8 12 192993-0032 tnm 0s 1200-08 s1l 34,70 (1.366) 20,60 (.811) 18,98 (.747) 26,15 (1.030) 20,62 (.812) 3,20 (.126) 21,80 (.858) 18,20 (.717) 3-4 14 192993-0698 tnm 0s 1403-04 s1l 34,70 (1.366) 24,30 (.957) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843 ) 12 14 192993-0033 tnm 0s 1400-12 s1l 34,70 (1.366) 24,30 (.957) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843) 19 16 192993-0034 tnm 0s 1600-19 s1l 34,70 (1.366) 27,00 (1.063) 25,33 (.997) 30,89 (1.216) 24,61 (.969) 3,50 (.138) 28,10 (1.106) 24,60 (.96 9) part numbers without wire seal and securing nut ? number of contacts shell size part number nomenclature a* b* cd e f g h 4 10 192993-0021 tnm 0u 1000-04 s1l 30,30 (1.193) 14,30 (.563) 14,92 (.563) 23,79 (.937) 18,26 (.719) 3,20 (.126) 17,30 (.681) 15,10 (.594) 8 12 192993-0022 tnm 0u 1200-08 s1l 30,30 (1.193) 17,40 (.685) 18,98 (.747) 26,15 (1.030) 20,62 (.812) 3,20 (.126) 21,80 (.858) 18,20 (.717) 12 14 192993-0023 tnm 0u 1400-12 s1l 30,30 (1.193) 20,60 (.811) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843) 19 16 192993-0024 tnm 0u 1600-19 s1l 30,30 (1.193) 23,80 (.937) 25,33 (.997) 30,89 (1.216) 24,61 (.969) 3,50 (.138) 28,10 (1.106) 24,60 (.969 ) ............. ? part numbers with wire seal number of contacts shell size part number nomenclature a b c 4 10 192993-0011 tnm 6s 1000-04 p1l 42,50 (1.673) 17,50 (.689) 21,60 (.850) 8 12 192993-0012 tnm 6s 1200-08 p1l 42,50 (1.673) 20,60 (.811) 24,80 (.976) 3-4 14 192993-0695 tnm 6s 1403-04 p1l 42,50 (1.673) 24,30 (.957) 28,00 (1.102) 12 14 192993-0013 tnm 6s 1400-12 p1l 42,50 (1.673) 24,30 (.957) 28,00 (1.102) 19 16 192993-0014 tnm 6s 1600-19 p1l 42,50 (1.673) 27,00 (1.063) 31,20 (1.229) part numbers without wire seal and securing nut ? number of contacts shell size part number nomenclature a* b* c 4 10 192993-0001 tnm 6u 1000-04 p1l 38,10 (1.500) 13,80 (.543) 21,60 (.850) 8 12 192993-0002 tnm 6u 1200-08 p1l 38,10 (1.500) 16,90 (.665) 24,80 (.976) 12 14 192993-0003 tnm 6u 1400-12 p1l 38,10 (1.500) 20,10 (.791) 28,00 (1.102) 19 16 192993-0004 tnm 6u 1600-19 p1l 38,10 (1.500) 23,30 (.917) 31,20 (1.229) ............. ? standard plugs pin contacts dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com 38 tnm circular standard receptacle panel cutout h = flange in front of panel g = flange at rear of panel
trident connector system tnm circular connectors reversed plug panel cutout reversed receptacle h = flange in front of panel g = flange at rear of panel part numbers with wire seal number of contacts shell size part number nomenclature a b c 4 10 192993-0051 tnm 6s 1000-04 s1l 34,20 (1.346) 17,50 (.689) 21,60 (.850) 8 12 192993-0052 tnm 6s 1200-08 s1l 34,20 (1.346) 20,60 (.811) 24,80 (.976) 3-4 14 192993-0696 tnm 6s 1403-04 s1l 34,20 (1.346) 24,30 (.957) 28,00 (1.102) 12 14 192993-0053 tnm 6s 1400-12 s1l 34,20 (1.346) 24,30 (.957) 28,00 (1.102) 19 16 192993-0054 tnm 6s 1600-19 s1l 34,20 (1.346) 27,00 (1.063) 31,20 (1.229) part number without wire seal and securing nut ? number of contacts shell size part number nomenclature a* b* c 4 10 192993-0041 tnm 6u 1000-04 s1l 29,80 (1.173) 13,80 (.543) 21,60 (.850) 8 12 192993-0042 tnm 6u 1200-08 s1l 29,80 (1.173) 16,90 (.665) 24,80 (.976) 12 14 192993-0043 tnm 6u 1400-12 s1l 29,80 (1.173) 20,10 (.791) 28,00 (1.102) 19 16 192993-0044 tnm 6u 1600-19 s1l 29,80 (1.173) 23,30 (.917) 31,20 (1.229) * dimensions a and b apply to connectors without wire seals and securing nuts. ? can be sealed to ip67 with a sealed endbell, see page 42. reversed plugs socket contacts 39 dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com tnm circular part numbers with wire seal number of shell contacts size part number nomenclature a b cd e f g h 4 10 192993-0071 tnm 0s 1000-04 p1l 43,00 (1.693) 17,50 (.689) 14,92 (.563) 23,79 (.937) 18,26 (.719) 3,20 (.126) 17,30 (.681) 15,10 (.594) 8 12 192993-0072 tnm 0s 1200-08 p1l 43,00 (1.693) 20,60 (.811) 18,98 (.747) 26,15 (1.030) 20,62 (.812) 3,20 (.126) 21,80 (.858) 18,20 (.717) 7 14 192993-0697 tnm 0s 140304 p1l 43,00 (1.693) 24,30 (.957) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843) 12 14 192993-0073 tnm 0s 1400-12 p1l 43,00 (1.693) 24,30 (.957) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843) 19 16 192993-0074 tnm 0s 1600-19 p1l 43,00 (1.693) 27,00 (1.063) 25,33 (.997) 30,89 (1.216) 24,61 (.969) 3,50 (.138) 28,10 (1.106) 24,60 (.96 9) part numbers without wire seal and securing nut ? number of shell contacts size part number nomenclature a* b* cd e f g h 4 10 192993-0061 tnm 0u 1000-04 p1l 38,60 (1.520) 14,30 (.563) 14,92 (.563) 23,79 (.937) 18,26 (.719) 3,20 (.126) 17,30 (.681) 15,10 (.594) 8 12 192993-0062 tnm 0u 1200-08 p1l 38,60 (1.520) 17,40 (.685) 18,98 (.747) 26,15 (1.030) 20,62 (.812) 3,20 (.126) 21,80 (.858) 18,20 (.717) 12 14 192993-0063 tnm 0u 1400-12 p1l 38,60 (1.520) 20,60 (.811) 22,16 (.872) 28,54 (1.124) 22,80 (.898) 3,50 (.138) 25,00 (.984) 21,40 (.843) 19 16 192993-0064 tnm 0u 1600-19 p1l 38,60 (1.520) 23,80 (.937) 25,33 (.997) 30,89 (1.216) 24,61 (.969) 3,50 (.138) 28,10 (1.106) 24,60 (.969 ) * dimensions a and b apply to connectors without wire seals and securing nuts. ? can be sealed to ip67 with a sealed endbell, see page 42. reversed receptacles pin contacts
dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com 40 tnm circular trident connector system tnm circular connectors ? mates with standard and reversed plugs, see pages 38-39. this connector was developed for use on servomotors where high currents and high voltages are used. ? uses cannon d subminiature power contacts. ? current rating 40 a. ? voltage rating 700 v. ? earth contact version available. ? short receptacle to save space. number of type contacts shell size part number nomenclature a b c d e fg standard 3-04 14 192993-0700 tnm 7s 140304 s1l 50,00 (1.968) 2,80 (.110) 17,60 (.692) 22,20 (.874) 24,30 (.956) 38,09 (1.500) 34,90 (1.374) reversed 3-04 14 192993-0699 tnm 7s 140304 p1l 50,00 (1.968) 2,80 (.110) 17,60 (.692) 22,20 (.874) 24,30 (.956) 38,09 (1.500) 34,90 (1.374) jam nut receptacles panel cutout special products four way power connector antenna connector designed for use as an antenna connector, this design incorporates d subminiature power contacts and standard trident signal contacts. ? can terminate wire sizes up to 8 awg (10mm 2 ). ? large cables with outside diameters up to 16,00 (.630) diameter can be accomodated. for more information, please contact your local cannon sales office.
41 dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com tnm circular trident connector system tnm circular connectors ? metal body with plastic cable clamp. ? for use with jacketed cables. ? for assembly instructions, see page 59. shell size part number nomenclature a max. b max. c d max. 10 192993-0631 tna 10 hsad 00l 18,10 (.712) 10,20 (.401) 16,00 (.629) 35,50 (1.397) 12 192993-0632 tna 12 hsad 00l 21,20 (.834) 12,20 (.480) 18,00 (.708) 36,00 (1.417) 14 192993-0633 tna 14 hsad 00l 24,20 (.952) 14,20 (.559) 20,00 (.787) 36,00 (1.417) 16 192993-0634 tna 16 hsad 00l 27,60 (1.086) 16,30 (.641) 22,00 (.866) 36,50 (1.437) cable accommodation outer sheath diameter shell size part number nomenclature minimum maximum a max. b min. b max. c d max. 10 192993-0091 tna 10cc-se 01l 5,00 (.196) 10,00 (.393) 18,10 (.712) 5,00 (.196) 10,00 (.393) 19,00 (.748) 70,00 (2.755) 12 192993-0092 tna 12cc-se 01l 6,00 (.236) 12,00 (.472) 21,20 (.834) 6,00 (.236) 12,00 (.472) 21,00 (.826) 72,00 (2.834) 14 192993-0093 tna 14cc-se 01l 7,00 (.275) 14,00 (.551) 24,20 (.952) 7,00 (.275) 14,00 (.551) 23,00 (.905) 78,00 (3.070) 16 192993-0094 tna 16cc-se 01l 8,00 (.314) 16,00 (.629) 27,60 (1.086) 8,00 (.314) 16,00 (.629) 25,00 (.984) 82,50 (3.248) shielded endbell for larger cable sizes heat shrink adapter for use with tnm circular connectors
dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com 42 tnm circular cables trident connector system tnm circular connectors in order to meet emc requirements it will be necessary to fit a shielded endbell to the tnm connectors. the tnm shielded endbell provides sealing to the connector shell, a cable braid grip and sealing to the outer sheath of the cable. sealing rating is ip67. shielded endbells are used with unsealed plugs and receptacles. materials and finishes description material/finish housing aluminum/nickel grounding ring aluminum/nickel clamp nut aluminum/nickel cable grip nylon, ul 94v-0 support sleeve nylon, ul 94v-0 o-ring rubber cable seal rubber dimensions e max. shell size part number nomenclature a b c d standard format reversed format 10 192993-0081 tna 10 ccse 00l 56,60 (2.228) 8,00 (.315) 17,90 (.705) 13,00 (.512) 88,50 (3.484) 80,00 (3.150) 12 192993-0082 tna 12 ccse 00l 56,70 (2.320) 10,00 (.394) 21,00 (.827) 16,00 (.630) 88,50 (3.484) 80,00 (3.150) 14 192993-0083 tna 14 ccse 00l 57,00 (2.441) 11,30 (.449) 24,00 (.945) 19,00 (.748) 88,50 (3.484) 80,00 (3.150) 16 192993-0084 tna 16 ccse 00l 57,40 (2.260) 13,60 (.535) 27,40 (1.079) 22,00 (.866) 88,50 (3.484) 80,00 (3.150) *patent pending universal shielded endbell* the tnm shielded endbell covers a wide range of multicore cable used in industrial applications. the following table indicates the sizes that can be accommodated provided the outside sheath diameter is within the accommodation range shown. for detail of contacts, see page 45. shielded cable to endbell assembly instructions are supplied with the endbell piece parts kit. endbell number of cable accommodation outer sheath diameter shell size contacts minimum maximum 10 4 4,40 (.173) 7,30 (.287) 12 8 6,40 (.252) 9,50 (.374) 14 12 6,90 (.272) 10,20 (.402) 16 19 7,90 (.311) 12,60 (.496) for assembly instructions, see page 58.
trident connector system tnm circular connectors ? for use with jacketed cables. ? provides strain relief and wire protection. ? provides sealing to ip67. ? for assembly instructions, see page 57. ? provides strain relief and wire protection. ? for use with discrete wires or jacketed cables. ? for assembly instructions, see page 57. dimensions shell c max. size part number nomenclature a max. b standard format reversed format 10 192900-0636 tna 10 cchc00l 11,10 (.437) 18,80 (.740) 89,00 (3.504) 80,70 (3.177) 12 192900-0637 tna 12 cchc00l 13,60 (.535) 20,80 (.818) 92,00 (3.622) 83,70 (3.295) 14 192900-0496 tna 14 cchc00l 14,60 (.574) 22,80 (.897) 99,00 (3.898) 90,70 (3.571) 16 192900-0497 tna 16 cchc00l 16,60 (.653) 24,70 (.972) 103,00 (4.055) 94,70 (3.728) * assumes a uniformly cylindrical cable. variations in the diameter could effect sealing. unsealed cable clamps for use with tnm circular connectors sealed cable clamps for use with tnm circular connectors 43 dimensions are shown in mm (inch) dimensions subject to change www.ittcannon.com tnm circular dimensions shell e max. size part number nomenclature a max. b c max. d standard format reversed format 10 192900-0639 tna 10 ccsr00l 21,50 (.846) 6,40 (.251) 8,70 (.342) 21,00 (.826) 74,50 (2.933) 66,20 (2.606) 12 192900-0640 tna 12 ccsr00l 24,90 (.980) 6,40 (.251) 12,80 (.503) 24,00 (.944) 74,50 (2.933) 66,20 (2.606) 14 192900-0286 tna 14 ccsr-00l 27,00 (1.063) 6,40 (.251) 13,80 (.543) 27,00 (1.063) 80,50 (3.169) 71,80 (2.826) 16 192900-0343 tna 16 ccsr-00l 30,10 (1.185) 6,40 (.251) 17,00 (.669) 30,20 (1.189) 80,50 (3.169) 71,80 (2.826) * for disassembly, add 9,000 (.0354) for shell sizes 10-16. * for disassembly, add 9,000 (.0354) for shell sizes 10-16.


▲Up To Search▲   

 
Price & Availability of 192993-0083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X